PART |
Description |
Maker |
Q67060-S7432 P-TO220-3-1 P-TO263-3-2 P-TO262-3-1 P |
Low Voltage MOSFETs - Power MOSFET, 100V, TO-262, RDSon=33mOhm, 47A, LL SIPMOS垄莽 Power-Transistor SIPMOS庐 Power-Transistor SIPMOS? Power-Transistor SIPMOS㈢ Power-Transistor
|
Infineon Technologies AG
|
BLF872 BLF872-2015 |
UHF power LDMOS transistor UHF power LDMOS transistor - Description: UHF LDMOS POWER Transistor ; Efficiency: 55 %; Frequency band: 470-860 GHz; Output power: 300 W; Package material: SOT800A ; Power gain: 16.5 dB
|
NXP Semiconductors Quanzhou Jinmei Electro...
|
CEN-U01BA CEN-U51BA CEN-U95 2N6548 2N6549 2N6552 2 |
Leaded Power Transistor Darlington Leaded Power Transistor General Purpose Power Transistors POWER TRANSISTOR, TO-202 Power Transistors 2 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-202 Power Transistors 2 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-202 Power Transistors 2 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-202 Power Transistors 2 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-202 Power Transistors 2 A, 40 V, NPN, Si, POWER TRANSISTOR, TO-202
|
http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
BUZ100L C67078-S1354-A2 BUZ100LC67078-S1348-A2 BUZ |
N-Channel SIPMOS Power Transistor Omnifet: fully autoprotected Power MOSFET SIPMOS ? Power Transistor From old datasheet system SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group] http://
|
IPB100N06S3-03 IPP100N06S3-03 IPI100N06S3-03 SP000 |
OptiMOST Power-Transistor ㈢的OptiMOS - T的功率晶体管 OptiMOS㈢-T Power-Transistor OptiMOS?-T Power-Transistor
|
Infineon Technologies AG
|
IPB80N06S3L-06 IPI80N06S3L-06 IPP80N06S3L-06 SP000 |
OptiMOST Power-Transistor ㈢的OptiMOS - T的功率晶体管 OptiMOS㈢-T Power-Transistor OptiMOS?-T Power-Transistor
|
Infineon Technologies AG
|
MP4015 |
Power Transistor Module Silicon NPN Triple Diffused Type (Darlington power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive. Inductive Load Switching. TOSHIBA Power Transistor Module
|
TOSHIBA[Toshiba Semiconductor]
|
SPP02N80C3 SPA02N80C3 |
Cool MOS™ Power Transistor Cool MOS Power Transistor Cool MOS& Power Transistor Cool MOS™ Power Transistor for lowest Conduction Losses & fastest SwitchingPlease note: Infineon has changed the CoolMOS 800V C2 marking to C3. 800V C2 ...
|
INFINEON[Infineon Technologies AG]
|
MJE18004 MJF18004 ON2021 |
POWER TRANSISTOR 5.0 AMPERES 1000 VOLTS 35 and 75 WATTS 5 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-220AB From old datasheet system Switching Power Supply Applications
|
Motorola Mobility Holdings, Inc. ON Semiconductor MOTOROLA[Motorola, Inc]
|
2SB1555B 2SB1555 |
TRANSISTOR SILICON PNP EPITAXIAL TYPE (DARLINGTON POWER TRANSISTOR) POWER AMPLIFIER APPLICATIONS 3-Pin, Ultra-Low-Power SC70/SOT µP Reset Circuits
|
TOSHIBA
|
MJL16218 ON2054 MJL16218-D |
SCANSWITCH 15 AMPERES POWER TRANSISTOR From old datasheet system POWER TRANSISTOR 15 AMPERES 1500 VOLTS - VCES 170 WATTS SCANSWITCH NPN Bipolar Power Deflection Transistor For High and Very High Resolution Monitors
|
ON Semiconductor Motorola, Inc
|